Part Number Hot Search : 
PESD5V0L AN7164N GB20B60P NCCW023T 30410 AN281 70280 MC3415
Product Description
Full Text Search
 

To Download IRFS4410 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 PD - 96902A
IRFB4410 IRFS4410 IRFSL4410
Applications l High Efficiency Synchronous Rectification in SMPS l Uninterruptible Power Supply l High Speed Power Switching l Hard Switched and High Frequency Circuits Benefits l Improved Gate, Avalanche and Dynamic dV/dt Ruggedness l Fully Characterized Capacitance and Avalanche SOA l Enhanced body diode dV/dt and dI/dt Capability
G S
HEXFET(R) Power MOSFET
D
VDSS RDS(on) typ. max. ID
100V 8.0m: 10m: 96A
GDS
TO-220AB IRFB4410
GDS
D2Pak IRFS4410
GDS
TO-262 IRFSL4410
Absolute Maximum Ratings
Symbol
ID @ TC = 25C ID @ TC = 100C IDM PD @TC = 25C VGS dv/dt TJ TSTG
Parameter
Continuous Drain Current, VGS @ 10V Continuous Drain Current, VGS @ 10V Pulsed Drain Current d Maximum Power Dissipation Linear Derating Factor Gate-to-Source Voltage Peak Diode Recovery f Operating Junction and Storage Temperature Range Soldering Temperature, for 10 seconds (1.6mm from case) Mounting torque, 6-32 or M3 screw Single Pulse Avalanche Energy e Avalanche Current c Repetitive Avalanche Energy g
Max.
96c 68c 380 250 1.6 20 19 -55 to + 175 300 10lbxin (1.1Nxm) 220 See Fig. 14, 15, 16a, 16b
Units
A
W W/C V V/ns C
Avalanche Characteristics
EAS (Thermally limited) IAR EAR mJ A mJ
Thermal Resistance
Symbol
RJC RCS RJA RJA
Parameter
Junction-to-Case k Case-to-Sink, Flat Greased Surface , TO-220 Junction-to-Ambient, TO-220 k Junction-to-Ambient (PCB Mount) , D Pak jk
2
Typ.
--- 0.50 --- ---
Max.
0.61 --- 62 40
Units
C/W
www.irf.com
1
11/4/04
IRFB4410/IRFS4410/IRFSL4410
Static @ TJ = 25C (unless otherwise specified)
Symbol
V(BR)DSS V(BR)DSS/TJ RDS(on) VGS(th) IDSS IGSS RG
Parameter
Drain-to-Source Breakdown Voltage Breakdown Voltage Temp. Coefficient Static Drain-to-Source On-Resistance Gate Threshold Voltage Drain-to-Source Leakage Current Gate-to-Source Forward Leakage Gate-to-Source Reverse Leakage Gate Input Resistance
Min. Typ. Max. Units
100 --- --- 2.0 --- --- --- --- --- --- --- 0.094 --- 8.0 10 --- 4.0 --- 20 --- 250 --- 200 --- -200 1.5 ---
Conditions
V VGS = 0V, ID = 250A V/C Reference to 25C, ID = 1mAd m VGS = 10V, ID = 58A g V VDS = VGS, ID = 150A A VDS = 100V, VGS = 0V VDS = 100V, VGS = 0V, TJ = 125C nA VGS = 20V VGS = -20V f = 1MHz, open drain
Dynamic @ TJ = 25C (unless otherwise specified)
Symbol
gfs Qg Qgs Qgd td(on) tr td(off) tf Ciss Coss Crss Coss eff. (ER) Coss eff. (TR)
Parameter
Forward Transconductance Total Gate Charge Gate-to-Source Charge Gate-to-Drain ("Miller") Charge Turn-On Delay Time Rise Time Turn-Off Delay Time Fall Time Input Capacitance Output Capacitance Reverse Transfer Capacitance Effective Output Capacitance (Energy Related) Effective Output Capacitance (Time Related)h
Min. Typ. Max. Units
120 --- --- --- --- --- --- --- --- --- --- --- --- --- 120 31 44 24 80 55 50 5150 360 190 420 500 --- 180 --- --- --- --- --- --- --- --- --- --- --- S nC
Conditions
VDS = 50V, ID = 58A ID = 58A VDS = 80V VGS = 10V g VDD = 65V ID = 58A RG = 4.1 VGS = 10V g VGS = 0V VDS = 50V = 1.0MHz VGS = 0V, VDS = 0V to 80V i, See Fig.11 VGS = 0V, VDS = 0V to 80V h, See Fig. 5
ns
pF
Diode Characteristics
Symbol
IS ISM VSD trr Qrr IRRM ton
Parameter
Continuous Source Current (Body Diode) Pulsed Source Current (Body Diode) d Diode Forward Voltage Reverse Recovery Time Reverse Recovery Charge Reverse Recovery Current Forward Turn-On Time
Min. Typ. Max. Units
--- --- --- --- 96c 380 A A
Conditions
MOSFET symbol showing the integral reverse
G D
S p-n junction diode. --- --- 1.3 V TJ = 25C, IS = 58A, VGS = 0V g VR = 85V, --- 38 56 ns TJ = 25C TJ = 125C IF = 58A --- 51 77 di/dt = 100A/s g --- 61 92 nC TJ = 25C TJ = 125C --- 110 170 --- 2.8 --- A TJ = 25C Intrinsic turn-on time is negligible (turn-on is dominated by LS+LD)
Notes: Calculated continuous current based on maximum allowable junction temperature. Package limitation current is 75A. Repetitive rating; pulse width limited by max. junction temperature. Limited by TJmax, starting TJ = 25C, L = 0.14mH RG = 25, IAS = 58A, VGS =10V. Part not recommended for use above this value. ISD 58A, di/dt 650A/s, VDD V(BR)DSS, TJ 175C. Pulse width 400s; duty cycle 2%.
Coss eff. (TR) is a fixed capacitance that gives the same charging time
as Coss while VDS is rising from 0 to 80% VDSS.
Coss eff. (ER) is a fixed capacitance that gives the same energy as When mounted on 1" square PCB (FR-4 or G-10 Material). For recommended
footprint and soldering techniques refer to application note #AN-994. Coss while VDS is rising from 0 to 80% VDSS.
R is measured at TJ approximately 90C.
2
www.irf.com
IRFB4410/IRFS4410/IRFSL4410
1000
TOP VGS 15V 10V 8.0V 6.0V 5.5V 5.0V 4.8V 4.5V
1000
TOP VGS 15V 10V 8.0V 6.0V 5.5V 5.0V 4.8V 4.5V
ID, Drain-to-Source Current (A)
100
BOTTOM
ID, Drain-to-Source Current (A)
100
BOTTOM
10
10
4.5V
1 4.5V
60s PULSE WIDTH
0.1 0.1 1 Tj = 25C 10 1 100 1000 0.1 1
60s PULSE WIDTH
Tj = 175C 10
100
1000
V DS, Drain-to-Source Voltage (V)
V DS, Drain-to-Source Voltage (V)
Fig 1. Typical Output Characteristics
1000
3.0
Fig 2. Typical Output Characteristics
RDS(on) , Drain-to-Source On Resistance (Normalized)
ID, Drain-to-Source Current ()
100 T J = 175C 10 T J = 25C 1 VDS = 25V 60s PULSE WIDTH 0.1 2 3 4 5 6 7 8 9 10
2.5
ID = 58A VGS = 10V
2.0
1.5
1.0
0.5 -60 -40 -20 0 20 40 60 80 100 120 140 160 180
VGS, Gate-to-Source Voltage (V)
T J , Junction Temperature (C)
Fig 3. Typical Transfer Characteristics
100000
VGS = 0V, f = 1 MHZ C iss = C gs + C gd, C ds SHORTED C rss = C gd C oss = C ds + C gd
Fig 4. Normalized On-Resistance vs. Temperature
12.0 ID= 58A
VGS, Gate-to-Source Voltage (V)
10.0 8.0 6.0 4.0 2.0 0.0
VDS= 80V VDS= 50V VDS= 20V
C, Capacitance(pF)
10000 Ciss
1000
Coss Crss
100 1 10 VDS, Drain-to-Source Voltage (V) 100
0
20
40
60
80
100
120
QG Total Gate Charge (nC)
Fig 5. Typical Capacitance vs. Drain-to-Source Voltage
Fig 6. Typical Gate Charge vs. Gate-to-Source Voltage
www.irf.com
3
IRFB4410/IRFS4410/IRFSL4410
1000
1000 OPERATION IN THIS AREA LIMITED BY R DS(on) 100sec 1msec
100 T J = 175C
ID, Drain-to-Source Current (A)
ISD, Reverse Drain Current (A)
100
10msec 10 DC Tc = 25C Tj = 175C Single Pulse 1 0 1 10 100 1000
10
T J = 25C
VGS = 0V 1 0.0 0.2 0.4 0.6 0.8 1.0 1.2 1.4 1.6 1.8 VSD, Source-to-Drain Voltage (V)
VDS, Drain-to-Source Voltage (V)
Fig 7. Typical Source-Drain Diode Forward Voltage
100 90 80
ID, Drain Current (A)
V(BR)DSS , Drain-to-Source Breakdown Voltage (V)
130
Fig 8. Maximum Safe Operating Area
Limited By Package
125
70 60 50 40 30 20 10 0 25 50 75 100 125 150 175 T C , Case Temperature (C)
120
115
110
105
100 -60 -40 -20 0 20 40 60 80 100 120 140 160 180
T J , Temperature ( C )
Fig 9. Maximum Drain Current vs. Case Temperature
2.0
EAS , Single Pulse Avalanche Energy (mJ)
Fig 10. Drain-to-Source Breakdown Voltage
900 800 700 600 500 400 300 200 100 0
1.5
Energy (J)
ID 6.7A 9.7A BOTTOM 58A TOP
1.0
0.5
0.0 0 20 40 60 80 100 120
25
50
75
100
125
150
175
VDS, Drain-to-Source Voltage (V)
Starting T J , Junction Temperature (C)
4
Fig 11. Typical COSS Stored Energy
Fig 12. Maximum Avalanche Energy vs. DrainCurrent
www.irf.com
IRFB4410/IRFS4410/IRFSL4410
1
D = 0.50
Thermal Response ( Z thJC )
0.1
0.20 0.10 0.05
0.01
0.02 0.01
J
R1 R1 J 1 2
R2 R2 C 2
Ri (C/W) i (sec) 0.2736 0.000376 0.3376 0.004143
1
0.001
SINGLE PULSE ( THERMAL RESPONSE )
Ci= i/Ri Ci i/Ri
Notes: 1. Duty Factor D = t1/t2 2. Peak Tj = P dm x Zthjc + Tc
1E-006 1E-005 0.0001 0.001 0.01 0.1
0.0001
t1 , Rectangular Pulse Duration (sec)
Fig 13. Maximum Effective Transient Thermal Impedance, Junction-to-Case
1000
Duty Cycle = Single Pulse
Avalanche Current (A)
100
0.01 0.05 0.10
Allowed avalanche Current vs avalanche pulsewidth, tav assuming Tj = 25C due to avalanche losses
10
1
0.1 1.0E-06 1.0E-05 1.0E-04 1.0E-03 1.0E-02 1.0E-01
tav (sec)
Fig 14. Typical Avalanche Current vs.Pulsewidth
250
EAR , Avalanche Energy (mJ)
200
TOP Single Pulse BOTTOM 1% Duty Cycle ID = 58A
150
100
50
Notes on Repetitive Avalanche Curves , Figures 14, 15: (For further info, see AN-1005 at www.irf.com) 1. Avalanche failures assumption: Purely a thermal phenomenon and failure occurs at a temperature far in excess of Tjmax. This is validated for every part type. 2. Safe operation in Avalanche is allowed as long asTjmax is not exceeded. 3. Equation below based on circuit and waveforms shown in Figures 16a, 16b. 4. PD (ave) = Average power dissipation per single avalanche pulse. 5. BV = Rated breakdown voltage (1.3 factor accounts for voltage increase during avalanche). 6. Iav = Allowable avalanche current. 7. T = Allowable rise in junction temperature, not to exceed Tjmax (assumed as 25C in Figure 14, 15). tav = Average time in avalanche. D = Duty cycle in avalanche = tav *f ZthJC(D, tav) = Transient thermal resistance, see Figures 13)
175
0 25 50 75 100 125 150
Starting T J , Junction Temperature (C)
PD (ave) = 1/2 ( 1.3*BV*Iav) = DT/ ZthJC Iav = 2DT/ [1.3*BV*Zth] EAS (AR) = PD (ave)*tav
Fig 15. Maximum Avalanche Energy vs. Temperature
www.irf.com
5
IRFB4410/IRFS4410/IRFSL4410
5.0
20
VGS(th) Gate threshold Voltage (V)
4.5 4.0 3.5 3.0 2.5 2.0 1.5 1.0 -75 -50 -25 0 25 50 75 100 125 150 175 200
15
IRRM (A)
ID ID ID ID
= 150A = 250A = 1.0mA = 1.0A
10
5
IF = 19A VR = 85V TJ = 25C _____ TJ = 125C ----------
0 100 200 300 400 500 600 700 800 900 1000 dif/dt (A/s)
T J , Temperature ( C )
Fig 16. Threshold Voltage vs. Temperature
20
Fig. 17 - Typical Recovery Current vs. dif/dt
400 350
15
300 250
Qrr (nC)
IRRM (A)
10
200 150
5
I = 38A F V = 85V R T = 25C _____ J T = 125C ---------J
100 50 0
I = 19A F V = 85V R T = 25C _____ J T = 125C ---------J
0 100 200 300 400 500 600 700 800 900 1000 dif/dt (A/s)
100 200 300 400 500 600 700 800 900 1000 dif/dt (A/s)
Fig. 18 - Typical Recovery Current vs. dif/dt
400 350 300 250
Qrr (nC)
Fig. 19 - Typical Stored Charge vs. dif/dt
200 150 100 50 0 100 200 300 400 500 600 700 800 900 1000 dif/dt (A/s)
I = 38A F V = 85V R T = 25C _____ J T = 125C ---------J
6
Fig. 20 - Typical Stored Charge vs. dif/dt
www.irf.com
IRFB4410/IRFS4410/IRFSL4410
D.U.T
Driver Gate Drive
+
P.W.
Period
D=
P.W. Period VGS=10V
+
Circuit Layout Considerations * Low Stray Inductance * Ground Plane * Low Leakage Inductance Current Transformer
*
D.U.T. ISD Waveform Reverse Recovery Current Body Diode Forward Current di/dt D.U.T. VDS Waveform Diode Recovery dv/dt
-
-
+
RG
* * * * dv/dt controlled by RG Driver same type as D.U.T. ISD controlled by Duty Factor "D" D.U.T. - Device Under Test
VDD
VDD
+ -
Re-Applied Voltage
Body Diode
Forward Drop
Inductor Curent Inductor Current
Ripple 5% ISD
* VGS = 5V for Logic Level Devices Fig 20. Peak Diode Recovery dv/dt Test Circuit for N-Channel HEXFET(R) Power MOSFETs
V(BR)DSS
15V
tp
DRIVER
VDS
L
RG
VGS 20V
D.U.T
IAS tp
+ V - DD
A
0.01
I AS
Fig 21a. Unclamped Inductive Test Circuit
LD VDS
Fig 21b. Unclamped Inductive Waveforms
+
VDD D.U.T VGS Pulse Width < 1s Duty Factor < 0.1%
90%
VDS
10%
VGS
td(on) tr td(off) tf
Fig 22a. Switching Time Test Circuit
Fig 22b. Switching Time Waveforms
Id Vds Vgs
L
0
DUT 1K
VCC
Vgs(th)
Qgs1 Qgs2
Qgd
Qgodr
www.irf.com
Fig 23a. Gate Charge Test Circuit
Fig 23b. Gate Charge Waveform
7
IRFB4410/IRFS4410/IRFSL4410
TO-220AB Package Outline
Dimensions are shown in millimeters (inches)
10.54 (.415) 10.29 (.405)
2.87 (.113) 2.62 (.103)
3.78 (.149) 3.54 (.139) -A6.47 (.255) 6.10 (.240)
-B4.69 (.185) 4.20 (.165) 1.32 (.052) 1.22 (.048)
4 15.24 (.600) 14.84 (.584)
1.15 (.045) MIN 1 2 3
LEAD ASSIGNMENTS 1 - GATE 2 - DRAIN 3 - SOURCE 4 - DRAIN
14.09 (.555) 13.47 (.530)
4.06 (.160) 3.55 (.140)
3X 1.40 (.055) 3X 1.15 (.045) 2.54 (.100) 2X NOTES:
0.93 (.037) 0.69 (.027) M BAM
3X
0.55 (.022) 0.46 (.018)
0.36 (.014)
2.92 (.115) 2.64 (.104)
1 DIMENSIONING & TOLERANCING PER ANSI Y14.5M, 1982. 2 CONTROLLING DIMENSION : INCH
3 OUTLINE CONFORMS TO JEDEC OUTLINE TO-220AB. 4 HEATSINK & LEAD MEASUREMENTS DO NOT INCLUDE BURRS.
TO-220AB Part Marking Information
@Y6HQG@) UCDTADTA6IADSA A GPUA8P9@A &'( 6TT@H7G@9APIAXXA (A ((& DIAUC@A6TT@H7GAGDI@AA8A
Note: "P" in assembly line position indicates "Lead-Free"
DIU@SI6UDPI6G S@8UDAD@S GPBP 6TT@H7G GPUA8P9@
Q6SUAIVH7@S 96U@A8P9@ @6SA&A2A ((& X@@FA ( GDI@A8
TO-220AB packages are not recommended for Surface Mount Application.
8
www.irf.com
IRFB4410/IRFS4410/IRFSL4410
TO-262 Package Outline (Dimensions are shown in millimeters (inches))
IGBT 1- GATE 2- COLLECTOR 3- EMITTER 4- COLLECTOR
TO-262 Part Marking Information
@Y6HQG@) UCDTADTA6IADSG" "G GPUA8P9@A &'( 6TT@H7G@9APIAXXA (A ((& DIAUC@A6TT@H7GAGDI@AA8A Ir)AAQAAvAhriyAyvr vvAvqvphrAAGrhqArrA DIU@SI6UDPI6G S@8UDAD@S GPBP 6TT@H7G GPUA8P9@ Q6SUAIVH7@S 96U@A8P9@ @6SA&A2A ((& X@@FA ( GDI@A8
OR
DIU@SI6UDPI6G S@8UDAD@S GPBP 6TT@H7G GPUA8P9@ Q6SUAIVH7@S 96U@A8P9@ QA2A9@TDBI6U@TAG@69AS@@ QSP9V8UAPQUDPI6G @6SA&A2A ((& X@@FA ( 6A2A6TT@H7GATDU@A8P9@
www.irf.com
9
IRFB4410/IRFS4410/IRFSL4410
D2Pak Package Outline (Dimensions are shown in millimeters (inches))
D2Pak Part Marking Information
UCDTADTA6IADSA$"TAXDUC GPUA8P9@A'!# 6TT@H7G@9APIAXXA!A! DIAUC@A6TT@H7GAGDI@AAGA Ir)AAQAAvAhriyAyvr vvAvqvphrAAGrhqArrA DIU@SI6UDPI6G S@8UDAD@S GPBP 6TT@H7G GPUA8P9@ Q6SUAIVH7@S A$"T 96U@A8P9@ @6SAA2A! X@@FA! GDI@AG
OR
DIU@SI6UDPI6G S@8UDAD@S GPBP 6TT@H7G GPUA8P9@
Q6SUAIVH7@S A$"T 96U@A8P9@ QA2A9@TDBI6U@TAG@69AS@@ QSP9V8UAPQUDPI6G @6SAA2A! X@@FA! 6A2A6TT@H7GATDU@A8P9@
10
www.irf.com
IRFB4410/IRFS4410/IRFSL4410
D2Pak Tape & Reel Information
TRR
1.60 (.063) 1.50 (.059) 4.10 (.161) 3.90 (.153)
1.60 (.063) 1.50 (.059)
0.368 (.0145) 0.342 (.0135)
FEED DIRECTION 1.85 (.073)
1.65 (.065)
11.60 (.457) 11.40 (.449)
15.42 (.609) 15.22 (.601)
24.30 (.957) 23.90 (.941)
TRL
10.90 (.429) 10.70 (.421) 1.75 (.069) 1.25 (.049) 16.10 (.634) 15.90 (.626) 4.72 (.136) 4.52 (.178)
FEED DIRECTION
13.50 (.532) 12.80 (.504)
27.40 (1.079) 23.90 (.941)
4
330.00 (14.173) MAX.
60.00 (2.362) MIN.
NOTES : 1. COMFORMS TO EIA-418. 2. CONTROLLING DIMENSION: MILLIMETER. 3. DIMENSION MEASURED @ HUB. 4. INCLUDES FLANGE DISTORTION @ OUTER EDGE.
26.40 (1.039) 24.40 (.961) 3
30.40 (1.197) MAX. 4
Data and specifications subject to change without notice. This product has been designed and qualified for the Automotive [Q101] market. Qualification Standards can be found on IR's Web site.
IR WORLD HEADQUARTERS: 233 Kansas St., El Segundo, California 90245, USA Tel: (310) 252-7105 TAC Fax: (310) 252-7903 Visit us at www.irf.com for sales contact information.11/04
www.irf.com
11


▲Up To Search▲   

 
Price & Availability of IRFS4410

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X